Part Number Hot Search : 
RS7809AE OPS002 N5401 LEADFREE PMV20XN F6654 ATR062 FLZ12V
Product Description
Full Text Search
 

To Download NAZT682M63V16X17HSF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Aluminum Electrolytic Capacitors
FEATURES
* * * * * CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING VERY LOW IMPEDANCE & HIGH RIPPLE CURRENT AT 100KHz EXTENDED LOAD LIFE (2,000 ~ 5,000 HOURS @ +105C) SUITABLE FOR DC-DC CONVERTER, DC-AC INVERTER, ETC. DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
SAC Alloy Compatible 230C ~ 260C
NAZT Series
RoHS Compliant
includes all homogeneous materials
CHARACTERISTICS
Rated Voltage Rating Rated Capacitance Range Operating Temp. Range Capacitance Tolerance Max. Leakage Current After 2 Miuntes @ 20C Tan @ 120Hz/20C Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test @ 105C 4 ~ 6mm Dia. 2,000 hours 8 ~ 16mm Dia. 5,000 hours 6.3 ~ 50Vdc 4.7 ~ 6,800F -40 ~ +105C 20% (M) 0.01CV or 3A whichever is greater W.V. (Vdc) S.V. (Vdc) 4 ~ 8mm diameter 8 ~ 16mm diameter W.V. (Vdc) Z-25C/Z+20C Z-40C/Z+20C Capacitance Change Tan Leakage Current
*See Part Number System for Details LOW ESR COMPONENT LIQUID ELECTROLYTE For Performance Data see www.LowESR.com 10 16 25 35 50 13 20 32 44 63 0.20 0.16 0.14 0.12 0.12 0.24 0.22 0.16 0.14 0.14 10 16 25 35 50 2 2 2 2 2 4 4 3 3 3 Within 30% of initial measured value Less than 300% of the specified maximum value Less than the specified maximum value 6.3 8.0 0.26 0.28 6.3 3 5
STANDARD VALUES AND CASE SIZES (mm)
Working Voltage (Vdc) Cap. Code (F) 6.3 10 16 25 35 4.7 4R7 4x6.3 10 100 4x6.3 5x6.3 15 150 4x6.3 5x6.3 5x6.3 22 220 4x6.3 5x6.3 5x6.3 5x6.3 27 270 4x6.3 5x6.3 5x6.3 6.3x6.3 6.3x6.3 33 330 5x6.3 5x6.3 6.3x6.3 6.3x6.3 6.3x6.3 47 470 5x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x6.3 56 560 5x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 68 680 6.3x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 100 101 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 8x10.5 150 151 6.3x6.3 6.3x6.3 6.3x8 8x10.5 8x10.5 220 221 6.3x6.3 6.3x8 6.3x8 8x10.5 8x10.5 330 331 6.3x8 8x10.5 8x10.5 8x10.5 10x10.5 470 471 8x10.5 8x10.5 8x10.5 10x10.5 12.5x14 680 681 8x10.5 10x10.5 10x10.5 12.5x14 12.5x14 1000 102 8x10.5 10x10.5 12.5x14 16x17 1500 152 10x10.5 12.5x14 16x17 16x17 2200 222 12.5x14 16x17 3300 332 16x17 4700 472 16x17 6800 682 16x17 50 4x6.3 6.3x6.3 6.3x6.3 6.3x6.3 6.3x8 6.3x8 6.3x8 8x10.5 8x10.5 8x10.5 10x10.5 10x10.5 12.5x14 16x17 16x17 16x17 -
PART NUMBER SYSTEM
NAZT 101 M 16V 6.3x6.3 N B F
RoHS Compliant Termination/Packaging Code Reflow Temperature Code Size in mm Working Voltage Tolerance Code M=20%, K=10% Capacitance Code in F, first 2 digits are significant Third digit is no. of zeros, "R" indicates decimal for values under 10F Series
PEAK REFLOW TERMINATION FINISH & TEMPERATURE CODES PACKAGING OPTIONS CODES
Code N L J H Peak Reflow Temperature 260C 250C 240C 235C Code Finish & Reel Size B Sn-Bi Finish & 13" Reel LB Sn-Bi Finish & 15" Reel S 100% Sn Finish & 13" Reel LS 100% Sn Finish & 15" Reel
DIMENSIONS (mm) AND REEL QUANTITIES
Case Size D0.5 L max. A0.2 B0.2 I0.3 W P0.3 Qty/Reel 4x6.3 4.0 6.3 4.3 4.3 1.8 0.5~0.8 1.0 1,200 5x6.3 5.0 6.3 5.3 5.3 2.2 0.5~0.8 1.4 800 6.3x6.3 6.3 6.3 6.6 6.6 2.5 0.5~0.8 2.2 800 6.3X8 6.3 8.0 6.6 6.6 2.5 0.5~0.8 2.2 500 8x10.5 8.0 10.5 8.3 8.3 2.9 0.7~1.0 3.2 300 10x10.5 10.0 10.5 10.3 10.3 3.2 1.1~1.4 4.6 300 12.5x14 12.5 14.0 12.8 12.8 4.5 1.1~1.4 4.6 200 16x17 16.0 17.0 16.3 16.3 5.5 1.8~2.1 7.0 125
D
W
0.3mm max.
+
I
I
-
L
P B
A
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
47
Surface Mount Aluminum Electrolytic Capacitors
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
NIC Part Number NAZT270M6.3V4X6.3NBF NAZT330M6.3V5X6.3NBF NAZT470M6.3V5X6.3NBF NAZT560M6.3V5X6.3NBF NAZT680M6.3V6.3X6.3NBF NAZT101M6.3V6.3X6.3NBF NAZT151M6.3V6.3X6.3NBF NAZT221M6.3V6.3X6.3NBF NAZT331M6.3V6.3X8NBF NAZT471M6.3V8X10.5NBF NAZT681M6.3V8X10.5NBF NAZT102M6.3V8X10.5NBF NAZT152M6.3V10X10.5LBF NAZT222M6.3V12.5X14JBF NAZT682M6.3V16X17HSF NAZT220M10V4X6.3NBF NAZT270M10V5X6.3NBF NAZT330M10V5X6.3NBF NAZT470M10V6.3X6.3NBF NAZT560M10V6.3X6.3NBF NAZT680M10V6.3X6.3NBF NAZT101M10V6.3X6.3NBF NAZT151M10V6.3X6.3NBF NAZT221M10V6.3X8NBF NAZT331M10V8X10.5NBF NAZT471M10V8X10.5NBF NAZT681M10V10X10.5LBF NAZT102M10V10X10.5LBF NAZT152M10V12.5X14JBF NAZT472M10V16X17HSF NAZT150M16V4X6.3NBF NAZT220M16V5X6.3NBF NAZT270M16V5X6.3NBF NAZT330M16V6.3X6.3NBF NAZT470M16V6.3X6.3NBF NAZT560M16V6.3X6.3NBF NAZT680M16V6.3X6.3NBF NAZT101M16V6.3X6.3NBF NAZT151M16V6.3X8NBF NAZT221M16V6.3X8NBF NAZT331M16V8X10.5NBF NAZT471M16V8X10.5NBF NAZT681M16V10X10.5LBF NAZT102M16V12.5X14JBF NAZT332M16V16X17HSF NAZT100M25V4X6.3NBF NAZT150M25V5X6.3NBF NAZT220M25V5X6.3NBF NAZT270M25V6.3X6.3NBF NAZT330M25V6.3X6.3NBF NAZT470M25V6.3X6.3NBF NAZT560M25V6.3X6.3NBF NAZT680M25V6.3X6.3NBF NAZT101M25V6.3X8NBF NAZT151M25V8X10.5NBF NAZT221M25V8X10.5NBF NAZT331M25V8X10.5NBF NAZT471M25V10X10.5LBF NAZT681M25V12.5X14JBF NAZT152M25V16X17HSF NAZT222M25V16X17HSF (R) Cap. (F) 27 33 47 56 68 100 150 220 330 470 680 1000 1500 2200 6800 22 27 33 47 56 68 100 150 220 330 470 680 1000 1500 4700 15 22 27 33 47 56 68 100 150 220 330 470 680 1000 3300 10 15 22 27 33 47 56 68 100 150 220 330 470 680 1500 2200 W.V. (Vdc) Dissipaton Factor (Tan ) 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.28 0.28 0.28 0.28 0.30 0.38 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.24 0.24 0.24 0.24 0.24 0.30 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.22 0.22 0.22 0.22 0.26 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.16 0.16 0.16 0.16 0.16 0.16 0.18 Max. Impedance () Max. Ripple Current (mA) +105C, 100KHz 100KHz, +20C 1.45 90 0.70 150 0.70 150 0.70 150 0.39 230 0.39 230 0.39 230 0.39 230 0.30 280 0.17 450 0.17 450 0.17 450 0.09 670 0.066 900 0.035 1800 1.45 90 0.70 170 0.70 170 0.39 250 0.39 250 0.39 250 0.39 250 0.39 250 0.30 300 0.17 450 0.17 450 0.09 670 0.09 670 0.066 900 0.035 1800 1.45 90 0.70 170 0.70 170 0.39 250 0.39 250 0.39 250 0.39 250 0.39 250 0.30 300 0.30 300 0.17 450 0.17 450 0.09 670 0.066 900 0.035 1800 1.45 90 0.70 150 0.70 150 0.39 250 0.39 250 0.39 230 0.39 250 0.39 250 0.30 300 0.17 450 0.17 450 0.17 450 0.09 670 0.066 900 0.035 1800 0.035 1800
NAZT Series
Load Life Hours @ +105C 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 5,000 5,000 5,000 5,000 5,000 5,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 5,000 5,000 5,000 5,000 5,000 5,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 5,000 5,000 5,000 5,000 5,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000
6.3
10
16
25
48
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors
STANDARD VALUES, CASE SIZES AND SPECIFICATIONS
NIC Part Number NAZT4R7M35V4X6.3NBF NAZT100M35V5X6.3NBF NAZT150M35V5X6.3NBF NAZT220M35V5X6.3NBF NAZT270M35V6.3X6.3NBF NAZT330M35V6.3X6.3NBF NAZT470M35V6.3X6.3NBF NAZT560M35V6.3X8NBF NAZT680M35V6.3X8NBF NAZT101M35V8X10.5NBF NAZT151M35V8X10.5NBF NAZT221M35V8X10.5NBF NAZT331M35V10X10.5LBF NAZT471M35V12.5X14JBF NAZT681M35V12.5X14JBF NAZT102M35V16X17HSF NAZT152M35V16X17HSF NAZT4R7M50V4X6.3NBF NAZT100M50V6.3X6.3NBF NAZT150M50V6.3X6.3NBF NAZT220M50V6.3X6.3NBF NAZT270M50V6.3X8NBF NAZT330M50V6.3X8NBF NAZT470M50V6.3X8NBF NAZT560M50V8X10.5NBF NAZT680M50V8X10.5NBF NAZT101M50V8X10.5NBF NAZT151M50V10X10.5LBF NAZT221M50V10X10.5LBF NAZT331M50V12.5X14JBF NAZT471M50V16X17HSF NAZT681M50V16X17HSF NAZT102M50V16X17HSF Cap. (F) 4.7 10 15 22 27 33 47 56 68 100 150 220 330 470 680 1000 1500 4.7 10 15 22 27 33 47 56 68 100 150 220 330 470 680 1000 W.V. (Vdc) Dissipaton Factor (Tan ) 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.16 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 Max. Impedance () Max. Ripple Current (mA) +105C, 100KHz 100KHz, +20C 1.45 90 0.70 170 0.70 170 0.70 170 0.39 250 0.39 250 0.39 250 0.30 300 0.30 300 0.17 450 0.17 450 0.17 450 0.09 670 0.066 900 0.066 900 0.035 1800 0.035 1800 2.90 60 0.88 165 0.88 165 0.88 165 0.68 195 0.68 195 0.68 195 0.34 300 0.34 300 0.34 300 0.21 490 0.21 490 0.14 620 0.073 1610 0.073 1610 0.073 1610
NAZT Series
Load Life Hours @ +105C 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000 5,000
35
50
Temperature - Deg. C
Peak Temperature (see table)
PEAK REFLOW TEMPERATURE AND DURATION
Diameter 4 ~ 8mm 10mm 12.5mm 16mm Time above 200C 80 sec. max. 70 sec. max. 50 sec. max. 50 sec. max. Time above 230C 40 sec. max. 40 sec. max. 20 sec. max. 15 sec. max. Peak Temperature 5 seconds 260C 250C 240C 235C
230 200 150 100 50
Time (Seconds)
Preheat - 120 seconds max. (150C ~ 180C)
Time Above 230C (see table)
Time Above 200C (see table)
RECOMMENDED LAND PATTERN DIMENSIONS (mm)
Case Size 4x6.3 5x6.3 6x3x6.3 6.3x8 8x10.5 10x10.5 12.5x14 16x17 a 1.0 1.4 2.1 2.8 4.3 4.3 6.6 b 2.6 3.0 3.5 4.1 4.4 5.8 6.5 c 1.8 1.8 1.8 2.1 2.5 2.5 5.0 c b a
Review & Compare Reflow Soldering Heat Limits V-chip SMT Aluminum Electrolytic Capacitors www.niccomp.com/RSL
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
49


▲Up To Search▲   

 
Price & Availability of NAZT682M63V16X17HSF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X